PART |
Description |
Maker |
MAX19710ETN-T |
10-Bit, 7.5Msps, Full-Duplex, Analog Front-End SPECIALTY TELECOM CIRCUIT, QCC56 10-Bit, 7.5Msps, Full-Duplex Analog Front-End
|
Maxim Integrated Products, Inc.
|
MAX13181EELBT MAX13182EELBT MAX13184EELB MAX13183E |
5.0V, ±15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in µDFN
|
MAXIM - Dallas Semiconductor
|
MC14406 MC14407 |
(MC14406 / MC14407) FULL DUPLEX 8-BIT COMPANDED PCM CODEC
|
Motorola
|
ADM4851ARZ-REEL7 ADM4852ACPZ-REEL7 ADM4850ARMZ ADM |
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers 5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
|
Analog Devices
|
ADM3075EYRZ-REEL7 ADM3075EARZ-REEL7 ADM307EARZ-REE |
3.3 V, 5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers 3.3伏特,5千伏ESD保护,半和全双工,RS-485/RS-422收发 3.3 V, ??5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MX118P |
Full-Duplex Scrambler
|
MX-COM
|
SP1490E SP1490ECN-L SP1490ECN-L_TR SP1490EEN-L SP1 |
Full Duplex RS-485 Transceivers12345678VCC
|
Exar Corporation
|
SP490E SP490ECN SP490ECP SP490EEN SP490EEP SP491E |
Enhanced Full Duplex RS-485 Transceivers
|
SIPEX[Sipex Corporation]
|
OTS-1V2ATR1DTR1ETR |
Optiva Standard, 1 Composite Video, 2 Duplex Analog Audio,1 Duplex RS-232/422/485 and 1 Duplex 10/100 Mbps Ethernet
|
Opticomm Corporation
|
SM39R08A3 |
One serial peripheral interfaces in full duplex mode
|
SyncMOS Technologies,In...
|